Part Number Hot Search : 
80000 OPB773NZ 1N821A APL0832 01M10 CHA3666 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download BCM-8-510-080-00-21X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ault incorporated 7105 northland terrace | minneapolis, minnesota 55428 | usatel (1) 763-592-1900 fax (1) 763-592-1911 | e-mail info@aultinc.com | web www.aultinc.com ? copyright 2002 ault inc. bcm nimh wide range battery chargers ? 100-250 vac ? in case iec 320 with ground ? led indicators ? charges nickel metal hydride batteries ? optimizes battery life ? meets safety agency requirements ? complies with emi-rfi regulations ? impact resistant polycarbonate enclosure ? private label marking available ? 3 year warranty ? modified and custom designs also available bcm n i mh wide range battery chargers bcm-*-306-150-00-21x 3 C 06 3 C 9 1.5 bcm-*-306-120-00-21x 3 C 06 3 C 9 1.2 bcm-*-306-100-00-21x 3 C 06 3 C 9 1.0 bcm-*-306-080-00-21x 3 C 06 3 C 9 0.8 bcm-*-306-060-00-21x 5 C 10 3 C 9 0.6 bcm-*-510-120-00-21x 5 C 10 5 C 15 1.2 bcm-*-510-100-00-21x 5 C 10 5 C 15 1.0 bcm-*-510-080-00-21x 5 C 10 5 C 15 0.8 bcm-*-510-060-00-21x 5 C 10 5 C 15 0.6 bcm-*-812-100-00-21x 8 C 12 8 C 18 1.0 bcm-*-812-080-00-21x 8 C 12 8 C 18 0.8 bcm-*-812-060-00-21x 8 C 12 8 C 18 0.6 number volts fast charge ault part no. of cells dc current amps bcm nimh ault part no. key ault part no. key bcm * 306 150 00 21 x product denotes number fast charge denotes standard connector manufacturing family safety timer of cells current/amps or custom location name (see pg. 2) requirem ents
ault incorporated 7105 northland terrace | minneapolis, minnesota 55428 | usatel (1) 763-592-1900 fax (1) 763-592-1911 | e-mail info@aultinc.com | web www.aultinc.com ? copyright 2002 ault inc. configuration: in case iec320 with ground please specify the safety timer code in your order. connector input configuration bcm n i mh wide range battery chargers iec320 w/ground c14 ( f ) 5 = 1.5 hours 6 = 3.0 hours 7 = 6.0 hours 8 = 9.0 hours safety timer codes (*from pg. 1) pinout code battery (+): 1, thermister: 2, battery (-): 3 description 3-pin overmolded molex connector housing 26-03-4041 terminals 08-50-0187 suggested mating 0.045 square pin on 0.156 centers. (ref: molex seroes 2220, 5273, 5274) other connectors are available by special order input voltage 100 - 250 vac -10%, +6% line frequency 47 - 63 hz current 0.5 max at 120 vac input protection internal primary current fuse inrush limiting short circuit protection electrical topology switching - dc battery charger dielectric withstand 3000 vac, 4242 vdc primary - secondary emi complies with emc directives ce ce compliant mtbf 100,000 calculated hours protection output current limiting, short circuit protection safety approvals agency listings culus 60950; tuv en60950 environmental operating temperature 0o C 50o c with no derating storage temperature -30o to +85o c relative humidity 5% to 95% non-condensing 0-10,000 feet altitude 0-10,000 feet cooling convectional - non vented case mechanical case and dimensions 4.22l x 2.60w x 1.51h (in) 107.2l x 66.04w x 38.35h (mm) case material 94v0 polycarbonate; black is standard color; other colors available - extra charges may apply weight 8 ounces, 210 grams (excluding cord) cords and connectors 6 ft., 3 conductor, 18 awg, ault #21 connector ( thermistor is in pack). other connectors are also available.


▲Up To Search▲   

 
Price & Availability of BCM-8-510-080-00-21X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X